1 l2656 series high power gaalas infrared led infrared led www.hamamatsu.com absolute maximum ratings (ta=25 c) parameter symbol condition value unit forward current i f 80 ma reverse voltage v r 5v pulse forward current i fp pulse width=10 s duty ratio=1% 1.0 a operating temperature topr -30 to +85 c storage temperature tstg -40 to +100 * c * guaranteed to resist temperature cycle test of up to 5 cycles note: exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. always be sure to use the product within the absolute maximum ratings. applications optical switches automatic control system high radiant output power high reliability features electrical and optical characteristics (ta=25 c) parameter symbol condition l2656 l2656-03 unit min. typ. max. min. typ. max. peak emission wavelength pi f =50 ma 870 890 920 870 890 920 nm spectral half width ? i f =50 ma -50- -50- nm forward voltage v f i f =50 ma - 1.45 1.6 - 1.45 1.6 v pulse forward voltage v fp i f =1 a - 3.4 4.0 - 3.4 4.0 v reverse current i r v r =5 v - - 5 - - 5 a radiant ux ?e i f =50 ma 13 15 - 7.5 9 - mw radiant illuminance p e i f =50 ma - 1.7 - - 4.4 - mw/cm 2 rise time tr i f =50 ma, 10 to 90% - 0.45 0.7 - 0.45 0.7 s fall time tf i f =50 ma, 90 to 10% - 0.45 0.7 - 0.45 0.7 s
2 infrared led l2656 series emission spectrum forward current vs. forward voltage radiant flux vs. forward current directivity 700 800 900 1000 0 40 20 60 80 100 wavelength (nm) relative radiant output (%) (typ. ta=25 c, i f =50 ma) 1 10 100 1000 1 10 100 1000 forward current (ma) radiant flux (mw) l2656 l2656-03 (typ. ta=25 c, tw=100 s, 0.1%) 1.0 1.5 2.0 2.5 3.0 3.5 10 100 1000 forward voltage (v) forward current (ma) (typ. ta=25 c, tw=100 s, 0.1%) kledb0201ea kledb0142eb kledb0143ea relative radiant output (%) (typ. ta=25 c) 80 % 40% 60% 20 % 20 10 10 20 90 80 50 40 30 70 60 90 80 50 40 30 70 60 l2656 l2656-03 100 % kledb0144ea
3 infrared led l2656 series allowable forward current vs. duty ratio radiant output vs. ambient temperature allowable forward current vs. ambient temperature 0.01 duty ratio (%) allowable forward current (a) 0.01 0.1 1 10 100 0.1 1 10 pulse width=1 s (ta=25 c) pulse width=100 s pulse width=10 s kledb0038ea -40 -20 0 20 40 60 80 100 -5 -4 -2 0 -3 -1 +1 +2 +3 ambient temperature (c) relative radiant output (db) (typ. i f =50 ma) -40 -20 0 20 40 60 80 100 0 40 60 80 100 ambient temperature (c) relative allowable forward current (%) 20 kledb0145ea kledb0027eb
infrared led l2656 series cat. no. kled1024e02 nov. 2015 dn 4 www.hamamatsu.com hamamatsu photonics k.k., solid state division 1126-1 ichino-cho, higashi-ku, hamamatsu city, 435-8558 japan, telephone: (81) 53-434-3311, fax: (81) 53-434-5184 u.s.a.: hamamatsu corporation: 360 foothill road, bridgewater, n.j. 08807, u.s.a., telephone: (1) 908-231-0960, fax: (1) 908-23 1-1218 germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49) 8152-375-0, fax: (49) 8152-265-8 france: hamamatsu photonics france s.a.r.l.: 19, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, telephone: 33-(1) 69 53 71 00, fax: 33-(1) 69 53 71 10 united kingdom: hamamatsu photonics uk limited: 2 howard court, 10 tewin road, welwyn garden city, hertfordshire al7 1bw, united kingdom, telephone: (44) 1707-294888, fax: (44) 1707-325777 north europe: hamamatsu photonics norden ab: torshamnsgatan 35 16440 kista, sweden, telephone: (46) 8-509-031-00, fax: (46) 8-5 09-031-01 italy: hamamatsu photonics italia s.r.l.: strada della moia, 1 int. 6, 20020 arese (milano), italy, telephone: (39) 02-93581733 , fax: (39) 02-93581741 china: hamamatsu photonics (china) co., ltd.: b1201, jiaming center, no.27 dongsanhuan beilu, chaoyang district, beijing 100020 , china, telephone: (86) 10-6586-6006, fax: (86) 10-6586-2866 product specifications are subject to change without prior notice due to improvements or other reasons. this document has been carefully prepared and the information contained is believed to be accurate. in rare cases, however, there may be inaccuracies such as text errors. before using these products, always contact us for the delivery specification sheet to check the latest specifications. the product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that one year period. however, even if within the warranty period we accept absolutely no liability for any loss caused by natural d isasters or improper product use. copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission. information described in this material is current as of november, 2015. dimensional outlines (unit: mm) l2656-03 l2656 related information precautions ? disclaimer ? metal, ceramic, plastic products www.hamamatsu.com/sp/ssd/doc_en.html 1.12 0.1 clear epoxy resin ?5.4 0.1 ?4.2 0.1 ?0.45 lead ?2.54 0.2 2.3 0.3 13.5 common to case ? 4.65 0.1 4.5 0.2 6.65 0.2 13.5 ?5.4 0.2 ?2.54 0.2 common to case ?0.45 lead kleda0069ea kleda0070ea
|